PART |
Description |
Maker |
PS11035 |
Application Specific IPM Modules: 600V Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
PS12036 |
Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
|
Mitsubishi Electric Semiconductor
|
PS12038 |
Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
|
Mitsubishi Electric Sem... Mitsubishi Electric Semiconductor
|
5KP 5KP56 5KP48 5KP48A 5KP78 5KP78A 5KP78C 5KP78CA |
Diode TVS Single Uni-Dir 7.5V 5KW 2-Pin Case P-6 Diode TVS Single Uni-Dir 51V 5KW 2-Pin Case P-6 Diode TVS Single Uni-Dir 48V 5KW 2-Pin Case P-6 Diode TVS Single Uni-Dir 78V 5KW 2-Pin Case P-6 Diode TVS Single Bi-Dir 78V 5KW 2-Pin Case P-6 Diode TVS Single Bi-Dir 78V 5KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 64V 5KW 2-Pin Case P-6 Diode TVS Single Bi-Dir 64V 5KW 2-Pin Case P-6
|
New Jersey Semiconductor
|
PS11016 |
FLAT-BASE TYPE INSULATED TYPE Acoustic noise-less 2.2kW/AC200V class 3 phase inverter and other motor control applications
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Semiconductor
|
1N5651/1 1N5649A 1N5648 1N5655A 1N5658 1N5646 1N56 |
Diode TVS Single Uni-Dir 45.4V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 40.2V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 38.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 34.8V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 70.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 89.2V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 29.1V 1.5KW 2-Pin DO-13 Diode TVS Single Uni-Dir 121V 1.5KW 2-Pin DO-13
|
New Jersey Semiconductor
|
TC664 TC664EUN TC665 TC665EUN |
The TC665 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan The TC664 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan SMBus PWM Fan Speed Controllers With Fan Fault Detection SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
PVD55-12 |
PIM MODULE 5.5KW 400V
|
Nihon Inter Electronics Corporation
|
SU3000RTXL2U |
SmartOnline 100-127V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
|
Tripp Lite. All Rights Rese...
|
PS12014-A |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3124; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle RoHS Compliant: No FLAT-BASE TYPE INSULATED TYPE Acoustic noise-less 0.75kW/AC400V Class 3 Phase inverter and other motor control applications
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Semiconductor
|
ACTR0010 ACTR0010_910.0_QCC8C ACTR0010/910.0/QCC8C |
surface-acoustic-wave (SAW) resonator
|
Advanced Crystal Technology
|